Part Number Hot Search : 
MUX08FQ 10200 MSQ94P33 ICE15N65 0ACPZ FLU17XM 95020 SSM5819
Product Description
Full Text Search
 

To Download 1MD04-059-05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  53 leninskij prosp. moscow 119991 russia, ph: +7-499-132-6817, fax: +7-499-783-3664, web: www.rmtltd.ru copyright 2008. rmt ltd. the design and specifications of products can be changed by rmt ltd without notice. page 1 of 4 a. tec assembly: solder snsb (tmelt=230?) b. ceramics: 1.pure al 2 o 3 (100%) 2.alumina (al 2 o 3 - 96%) 3.aluminum nitride (aln) 100% al 2 o 3 used as standard options available performance parameters technical drawing thermoelectric module datasheet rmt ltd 1md04-059-xx performance data are given at 300k, vacuum c. ceramics surface options 1. blank ceramics 2. metallized: 2.1 ni / sn(bi) 2.2 gold plating 3. metallized and pre-tinned: 3.1 solder 94 (pbsnbi, tmelt=94?) 3.2 solder 117 (in-sn, tmelt=117?) 3.3 solder 138 (sn-bi, tmelt=138?) 3.4 solder 183 (pb-sn, tmelt=183?) d. thermistor (optional) can be mounted to cold side ceramics edge. calibration is available. e. terminal wires 1. pre-tinned copper 2. insulated wires 3. insulated color coded 4. wire bonding pads type t max k q max w i max a u max v ac r ohm h mm h mm 1md04-059-xx (n=59) 1md04-059-xx (n=59) 1md04-059-xx (n=59) 1md04-059-xx (n=59) 1md04-059-xx (n=59) 1md04-059-xx (n=59) 1md04-059-xx (n=59) 1md04-059-xx (n=59) 1MD04-059-05 70 6.0 1.5 7.2 3.90 1.6 0.5 1md04-059-08 71 3.9 1.0 7.2 6.13 1.9 0.8 1md04-059-10 71 3.2 0.8 7.2 7.61 2.1 1.0 1md04-059-12 72 2.7 0.7 7.2 9.09 2.3 1.2 1md04-059-15 72 2.2 0.6 7.2 11.31 2.6 1.5
53 leninskij prosp. moscow 119991 russia, ph: +7-499-132-6817, fax: +7-499-783-3664, web: www.rmtltd.ru copyright 2008. rmt ltd. the design and specifications of products can be changed by rmt ltd without notice. page 2 of 4 thermoelectric module datasheet rmt ltd performance plots 1MD04-059-05 color legend: imax , 0.8 imax, 0.6 imax, 0.4 imax temperature difference, k temperature difference, k temperature difference, k temperature difference, k voltage, v c.o.p current, a heat pumped at the cold side, w performance plots 1md04-059-08 temperature difference, k temperature difference, k temperature difference, k temperature difference, k voltage, v c.o.p current, a heat pumped at the cold side, w
53 leninskij prosp. moscow 119991 russia, ph: +7-499-132-6817, fax: +7-499-783-3664, web: www.rmtltd.ru copyright 2008. rmt ltd. the design and specifications of products can be changed by rmt ltd without notice. page 3 of 4 thermoelectric module datasheet rmt ltd performance plots 1md04-059-10 color legend: imax , 0.8 imax, 0.6 imax, 0.4 imax performance plots 1md04-059-12 temperature difference, k temperature difference, k temperature difference, k temperature difference, k voltage, v c.o.p current, a heat pumped at the cold side, w temperature difference, k temperature difference, k temperature difference, k temperature difference, k voltage, v c.o.p current, a heat pumped at the cold side, w
53 leninskij prosp. moscow 119991 russia, ph: +7-499-132-6817, fax: +7-499-783-3664, web: www.rmtltd.ru copyright 2008. rmt ltd. the design and specifications of products can be changed by rmt ltd without notice. page 4 of 4 thermoelectric module datasheet rmt ltd application tips 1. never heat te module more than 200?c (tec assembled at 230?c). 2. never use te module without attached heat sink at hot (bottom) side. 3. connect te module to dc power supply according to polarity. 4. do not apply dc current higher than imax. installation 1. mechanical mounting . tec is placed between two heat exchangers . this construction is fixed by screws or in another mechanical way. it is suitable for large modules (with dimensions 30x30mm and larger). miniature types require other assembling methods in most cases. 2. soldering . this method is suitable for a te module with metallized outside surfaces. rmt provides this option and also makes pre-tinning for te modules. 3. glueing . it is an up-to-date method that is used by many customers due to availability of glues with good thermoconductive properties. a glue is usually based on some epoxy compound filled with some thermoconductive material such as graphite or diamond powders, silver, sin and others. the application of a specific type depends on application features and the type of a te module. 1 2 3 object being cooled object being cooled heatsink heatsink tec tec soldering gluing screw mounting color legend: imax , 0.8 imax, 0.6 imax, 0.4 imax performance plots 1md04-059-15 temperature difference, k temperature difference, k voltage, v c.o.p


▲Up To Search▲   

 
Price & Availability of 1MD04-059-05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X